Part Number Hot Search : 
4MTCX DTB32C1 BD48L33 MAX222 STA513A HD74H U2642B HMM55C43
Product Description
Full Text Search
 

To Download DMR25A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
DMR25A
www.SunLED.com
25.4mm (1.0 ") SINGLE DIGIT NUMERIC DISPLAY
Features
1.0 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. HIGH LIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. I.C. COMPATIBLE. MECHANICALLY RUGGED. STANARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Operating Characteristics (TA=25C) Forward Voltage (Typ.) Per Segment Or ( DP) (IF=10mA) Forward Voltage (Max.) Per Segment Or ( DP) (IF=10mA) Reverse Current (Max.) Per Segment Or (DP) (VR=10(5)V) Wavelength Of Peak Emission (Typ.) (IF=10mA) Wavelength Of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF MR (GaAlAs) 3.6(1.8) Unit
Absolute Maximum Ratings (TA=25C) Reverse Voltage Per Segment or (DP) Forward Current Per Segment or (DP) Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Per Segment or (DP) Power Dissipation Per Segment or (DP) Operating Temperature Storage Temperature Lead Solder Temperature [2mm Below Package Base] VR IF
MR (GaAlAs) 10(5) 30(30)
Unit V mA
V
VF
5.0(2.5)
V
IR
10(10)
uA
iFS
155(155)
mA
P
660
nm
PT TA Tstg
150(75) -40 ~ +85 -40 ~ +85
mW C
D
640
nm
20
nm
260C For 3~5 Seconds
C
45
pF
Published Date : MAR 13,2008
Drawing No : SDSA2132
V4
Checked : Shin Chi
P.15
Part Number:
DMR25A
www.SunLED.com
25.4mm (1.0 ") SINGLE DIGIT NUMERIC DISPLAY
Part Number
Emitting Color
Emitting Material
Luminous Intensity (IF=10mA) ucd min. typ. 59990
Wavelength nm P
Description
DMR25A
Red
GaAlAs
12000
660
Common Anode, Rt. Hand Decimal
MR
Published Date : MAR 13,2008
Drawing No : SDSA2132
V4
Checked : Shin Chi
P.25
Part Number:
DMR25A
www.SunLED.com
25.4mm (1.0 ") SINGLE DIGIT NUMERIC DISPLAY
Published Date : MAR 13,2008
Drawing No : SDSA2132
V4
Checked : Shin Chi
P.35
Part Number:
DMR25A
www.SunLED.com
25.4mm (1.0 ") SINGLE DIGIT NUMERIC DISPLAY
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 13,2008
Drawing No : SDSA2132
V4
Checked : Shin Chi
P.45
Part Number:
DMR25A
www.SunLED.com
25.4mm (1.0 ") SINGLE DIGIT NUMERIC DISPLAY
PACKING & LABEL SPECIFICATIONS
DMR25A
Published Date : MAR 13,2008
Drawing No : SDSA2132
V4
Checked : Shin Chi
P.55


▲Up To Search▲   

 
Price & Availability of DMR25A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X